PART |
Description |
Maker |
46235-5002 |
Micro-Fit 3.0 High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with .0.76um (30u") Micro-Fit 3.0 High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with .0.76um (30u)
|
Molex Electronics Ltd.
|
0314022410 31402-2410 |
2.54mm (.100) MX64 Sealed Single Row Crimp Housing, GET Terminal, Green, 2Circuits, Mating Part: Keying D, Lock CPA 2.54mm (.100") MX64垄芒 Sealed Single Row Crimp Housing, GET Terminal, Green, 2Circuits, Mating Part: Keying D, Lock CPA
|
Molex Electronics Ltd.
|
0462350004 46235-0004 |
Micro-Fit 3.0 Reduced Mating Force, Crimp Terminal, Female, with .0.76um (30u") Selective Gold Micro-Fit 3.0 Reduced Mating Force, Crimp Terminal, Female, with .0.76um (30u) Selective Gold
|
Molex Electronics Ltd.
|
0462350002 46235-0002 |
Micro-Fit 3.0 Reduced Mating Force, Crimp Terminal, Female, with .0.76μm (30μ) Selective Gold (Au) over Nickel (Ni), 20-24 AWG, without Lubricant
|
Molex Electronics Ltd.
|
31404-3200 0314043200 |
2.54mm (.100) MX64 Sealed Single Row Crimp Housing, Kaizan Terminal, Gray, 3Circuits, Mating Part: Keying B, Lock None
|
Molex Electronics Ltd.
|
31402-6110 0314026110 |
2.54mm (.100) MX64 Sealed Single Row Crimp Housing, GET Terminal, Black, 6Circuits, Mating Part: Keying A, Lock CPA
|
Molex Electronics Ltd.
|
0314036100 31403-6100 |
2.54mm (.100) MX64?/a> Sealed Single Row Crimp Housing, MX64?/a> Terminal, Black,6 Circuits, Mating Part: Keying A, Lock None 2.54mm (.100) MX64 Sealed Single Row Crimp Housing, MX64 Terminal, Black,6 Circuits, Mating Part: Keying A, Lock None
|
Molex Electronics Ltd.
|
0314032200 |
2.54mm (.100) MX64 Sealed Single Row Crimp Housing, MX64 Terminal, Black2 Circuits, Mating Part: Keying B, Lock None
|
Molex Electronics Ltd.
|
42817-0011 0428170131 |
Solderless Terminal; Wire Size (AWG):12-10 RoHS Compliant: Yes COPPER ALLOY, TIN LEAD FINISH, WIRE TERMINAL MALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
|
Molex, Inc. Molex Electronics Ltd.
|
53261-0890 53261-0690 |
1.25 W-TO-B CONN. 51021,53261 MATING CROSS SECTION 1.25 W-TO-B CONN. MATING CROSS SECTION
|
Molex Electronics Ltd.
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
|